Part Number Hot Search : 
2N264 ISL6526 SI7921DN A3949SLP A3949SLP MA4E2513 HA8001 EA87FL30
Product Description
Full Text Search
 

To Download 1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148
SILICON EPITAXIAL PLANAR DIODE
Features
Silicon Epitaxial Planar Diodes fast switching diode. This diode is also available in MiniMELF case with the type designation LL4148.
DIM ENSIONS DIM A B C D inches Min. 1.083 Max. 0.154 0.075 0.020 Min. 27.50 mm Max. 3.9 1.9 0.52 Note
Absolute Maximum Ratings
(Ta=25
)
Symbols Values Units
Reverse Voltage Peak reverse voltage Rectified current (Average) Half wave rectification with Resist. Load at Tamb=25 and f 50Hz Surge forward current at t<1s and Tj=25 Power dissipation at Tamb=25 Junction Temperature Storage temperature range
VR VRM IO IFSM Ptot Tj TS
75 100 150
1)
Volts Volts mA mA mW
500 500
1)
200 -65 to +200
Note: (1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature
1
Characteristics at T =25
j
Symbols
Min.
Typ.
Max.
Units
Forward voltage at IF=10mA Leakage current at VR=20V at VR=75V at VR=20V, Tj=150 Reverse breakdown voltage tested wiht 100uA pulses Capacitance at VF=VR=0 Voltage rise when switching ON tested with 50mA forward pulses tp=0.1uS, rise time<30nS, fp=5 to 100KHz Reverse recovery time from IF=10mA to IR=1mA, VR=6V, RL=100 Thermal resistance junction to ambient Air Rectification efficiency at f=100MHz, VRF=2V
VF IR IR IR V(BR)R Ctot Vfr trr RthA
V
100 0.45
-
1 25 5 50 4 2.5 4 0.35 1)
Volt nA uA uA Volts F Volts nS K/mW -
Note: (1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature
Rectification efficiency measurement circuit
2
RATINGS AND CHARACTERISTIC CURVES
3
RATINGS AND CHARACTERISTIC CURVES
4


▲Up To Search▲   

 
Price & Availability of 1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X